PART |
Description |
Maker |
APT5025BN APT5030BN |
POWER MOS IV 500V 23.0A 0.25 Ohm / 500V 21.0A 0.30 Ohm N-CHANNEL ENHANCEMENT MODE HIGH VOLTAGE POWER MOSFETS
|
ADPOW[Advanced Power Technology]
|
IRFF430 FN1894 |
2.75A, 500V, 1.500 Ohm, N-Channel Power MOSFET 2.75 A, 500 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-205AF 2.75A/ 500V/ 1.500 Ohm/ N-Channel Power MOSFET From old datasheet system
|
Intersil, Corp. Intersil Corporation
|
MDQ16N50G MDQ16N50GTH MDQ16N50GTP |
N-Channel MOSFET 500V, 16.5A, 0.35(ohm)
|
MagnaChip Semiconductor...
|
IRF450 JANTXV2N6770 JANTX2N6770 IRF450PBF |
500V Single N-Channel Hi-Rel MOSFET in a TO-204AA package TRANSISTORS N-CHANNEL(Vdss=500V, Rds(on)=0.400ohm, Id=12A) HEXFET? TRANSISTOR TRANSISTORS N-CHANNEL(Vdss=500V/ Rds(on)=0.400ohm/ Id=12A) 12 A, 500 V, 0.5 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AA
|
IRF[International Rectifier]
|
SFH4850E7800 |
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung High Power Infrared Emitter (850 nm) Lead (Pb) Free Product - RoHS Compliant
|
OSRAM GmbH
|
SFH4556 |
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung High Power Infrared Emitter (850 nm) Lead (Pb) Free Product - RoHS Compliant
|
OSRAM GmbH
|
STP8NM50FP STP8NM50 |
N-CHANNEL 500V - 0.7 OHM - 8A TO-220/TO-220FP MDMESH POWER MOSFET N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP MDmesh?Power MOSFET N-CHANNEL 500V - 0.7 OHM - 8A TO-220/TO-220FP MDMESH POWER MOSFET N-CHANNEL 500V - 0.7ohm - 8A TO-220/TO-220FP MDmesh⑩Power MOSFET N沟道500V - 0.7ohm - ⑩第8A TO-220/TO-220FP的MDmesh功率MOSFET N - CHANNEL POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] STMicroelectronics N.V. ST Microelectronics
|
MDQ23N50DTP |
N-Channel MOSFET 500V, 23.0A, 0.245(ohm)
|
MagnaChip Semiconductor...
|
BUZ45A |
8.3A, 500V, 0.800 Ohm, N-Channel Power MOSFET 8.3A/ 500V/ 0.800 Ohm/ N-Channel Power MOSFET
|
INTERSIL[Intersil Corporation]
|